Electronic Components Datasheet Search
  English  ▼

X  

NTE162 Datasheet (PDF) - NTE Electronics

NTE162 Datasheet PDF - NTE Electronics
Part # NTE162
Download  NTE162 Download
File Size   24.04 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor TV Vertical Deflection

NTE162 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE162 Datasheet PDF - NTE Electronics

Part # NTE162
Download  NTE162 Click to download

File Size   24.04 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor TV Vertical Deflection

NTE162 Datasheet (HTML) - NTE Electronics


NTE162 Product details

Description:

The NTE162 is an NPN transistor in a TO3 type case designed for medium–to–high voltage inverters, converters, regulators, and switching circuits.



Features:

• High Voltage: VCEX = 400V

• Gain Specified to 3.5A

• High Frequency Response to 2.5MHz



 




Similar Part No. - NTE162

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1620 NTE-NTE1620 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video IF Amplifier, RF AGC Circuit
NTE1624 NTE-NTE1624 Datasheet
24Kb / 4P
Integrated Circuit AM/FM Radio Circuit w/Power Amp
NTE1626 NTE-NTE1626 Datasheet
79Kb / 2P
Integrated Circuit 4.2W Dual Audio Power Amplifier
NTE1627 NTE-NTE1627 Datasheet
18Kb / 2P
Integrated Circuit Power Amp, 550mW, for Battery Operated Radios
NTE1629 NTE-NTE1629 Datasheet
18Kb / 2P
Integrated Circuit TV Sync Separator Detector
More results


Similar Description - NTE162

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE164 NTE-NTE164 Datasheet
20Kb / 2P
Silicon NPN Transistor TV Vertical Output
NTE2324 NTE-NTE2324 Datasheet
21Kb / 2P
Silicon NPN Transistor Color TV Horizontal Deflection Output
NTE2578 NTE-NTE2578 Datasheet
19Kb / 2P
Silicon NPN Transistor TV Horizontal Deflection Output
NTE2640 NTE-NTE2640 Datasheet
23Kb / 2P
Silicon NPN Transistor Color TV Horizontal Deflection Output
NTE369 NTE-NTE369 Datasheet
19Kb / 2P
Silicon NPN Transistor TV Vertical Deflection, Switch
logo
STMicroelectronics
TDA1170S STMICROELECTRONICS-TDA1170S Datasheet
319Kb / 9P
TV VERTICAL DEFLECTION
Dec-1992
logo
Samsung semiconductor
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
TV Vertical Deflection Output
logo
NEC
2SB546A NEC-2SB546A Datasheet
567Kb / 4P
VERTICAL DEFLECTION OUTPUT FOR COLOR TV PNP/NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Fairchild Semiconductor
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com