Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet (PDF) - Maxim Integrated Products

MAX1177CCUP Datasheet PDF - Maxim Integrated Products
Part # MAX1177CCUP
Download  MAX1177CCUP Download
File Size   293.13 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range

MAX1177CCUP Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1177CCUP Datasheet PDF - Maxim Integrated Products

Part # MAX1177CCUP
Download  MAX1177CCUP Click to download

File Size   293.13 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range

MAX1177CCUP Datasheet (HTML) - Maxim Integrated Products


MAX1177CCUP Product details

General Description
The MAX1177 is a 16-bit, low-power, successive approximation analog-to-digital converter (ADC) featuring automatic power-down, a factory-trimmed internal clock, and a byte-wide parallel interface. The device operates from a single +4.75V to +5.25V analog supply and features a separate digital supply input for direct interface with +2.7V to +5.25V digital logic.

Features
♦ Byte-Wide Parallel Interface
♦ Analog Input Voltage Range: 0 to +10V
♦ Single +4.75V to +5.25V Analog Supply Voltage
♦ Interfaces with +2.7V to +5.25V Digital Logic
♦ ±3 LSB INL
♦ ±1 LSB DNL
♦ Low Supply Current (max)
    2.9mA (External Reference)
    3.8mA (Internal Reference)
    5µA AutoShutdown Mode
♦ Small Footprint
♦ 20-Pin TSSOP Package

Applications
    Temperature Sensing and Monitoring
    Industrial Process Control
    I/O Modules
    Data-Acquisition Systems
    Precision Instrumentation




Similar Part No. - MAX1177CCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results


Similar Description - MAX1177CCUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
Wide Input Supply Range: 10V to 40V
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com