Electronic Components Datasheet Search
  English  ▼

X  

V20PW45 Datasheet (PDF) - Vishay Siliconix

V20PW45 Datasheet PDF - Vishay Siliconix
Part # V20PW45
Download  V20PW45 Download
File Size   120.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier

V20PW45 Datasheet (PDF)

Go To PDF Page Download Datasheet
V20PW45 Datasheet PDF - Vishay Siliconix

Part # V20PW45
Download  V20PW45 Click to download

File Size   120.05 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier

V20PW45 Datasheet (HTML) - Vishay Siliconix


V20PW45 Product details

Ultra Low VF = 0.31 V at IF = 5 A

FEATURES
• Very low profile - typical height of 1.3 mm
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3




Similar Part No. - V20PW45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20PW45 VISHAY-V20PW45 Datasheet
131Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.31 V at IF = 5 A
27-Feb-2020
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.36 V at IF = 5 A
17-Mar-2022
V20PW45C VISHAY-V20PW45C_V01 Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.36 V at IF = 5 A
17-Mar-2022
V20PW45 VISHAY-V20PW45_V01 Datasheet
131Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.31 V at IF = 5 A
27-Feb-2020
More results


Similar Description - V20PW45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
19-Apr-11
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
04-Dec-13
V12P45-M3 VISHAY-V12P45-M3_15 Datasheet
85Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
05-May-15
V15PM12 VISHAY-V15PM12_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
03-Jul-15
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jun-17
V6KM45DU VISHAY-V6KM45DU Datasheet
135Kb / 5P
High Current Density Surface-Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 1.5 A
26-Jul-2018
V8KM60DU VISHAY-V8KM60DU Datasheet
135Kb / 5P
High Current Density Surface-Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 2 A
18-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com