Electronic Components Datasheet Search
  English  ▼

X  

NTE1413 Datasheet (PDF) - NTE Electronics

NTE1413 Datasheet PDF - NTE Electronics
Part # NTE1413
Download  NTE1413 Download
File Size   27.9 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Video IF Amplifier

NTE1413 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1413 Datasheet PDF - NTE Electronics

Part # NTE1413
Download  NTE1413 Click to download

File Size   27.9 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Video IF Amplifier

NTE1413 Datasheet (HTML) - NTE Electronics


NTE1413 Product details

Description:

The NTE1413 and NTE1545 are integrated circuits in a 16–Lead DIP type package designed for use as video IF amplifiers for color and monochrome television receivers



Features:

• Available for Two Types of Tuners:

   NPN Tuner (NTE1413)

   FET Tuner (NTE1545)

• High Gain, Wide Band IF Amplifier: 50dB Typ. at 58MHz

• Gain Reduction with Excellent Stability: 55dB Typ. at 58MHz

• Excellent DG/DP Characteristics:

   DG = 7% Typ.

   DP = 3.5 deg Typ.

• Excellent S/N Characteristics due to Delayed 3 Stages AGC Action

• Negative video output signal

• Fast AGC Action due to Noise Inverter and Peak AGC

• Switch Off the Video Part with VTR SW

• Dual Differential AFT Output



Functions:

• Three Controlled IF Amplifier Stages

• Video Demodulator Controlled by Picture Carrier

• Black Noise and White Noise Inverter

• Peak AGC

• DC Amplifier for RF AGC Out

• Quadrature Detector for AFT

• DC Amplifier for AFT



 




Similar Part No. - NTE1413

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1410 NTE-NTE1410 Datasheet
35Kb / 3P
Integrated Circuit Chroma Video Signal Processor
NTE1412 NTE-NTE1412 Datasheet
22Kb / 2P
Integrated Circuit Recording Video Signal Processor
NTE1414 NTE-NTE1414 Datasheet
23Kb / 3P
Integrated Circuit Digital AC Clock Timer for VCR
NTE1415 NTE-NTE1415 Datasheet
18Kb / 2P
Integrated Circuit Color Compensation Circuit
NTE1416 NTE-NTE1416 Datasheet
36Kb / 5P
Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
More results


Similar Description - NTE1413

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1128 NTE-NTE1128 Datasheet
22Kb / 2P
Integrated Circuit TV Video IF Amplifier
NTE1483 NTE-NTE1483 Datasheet
26Kb / 3P
Integrated Circuit Video IF System
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
NTE1607 NTE-NTE1607 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1620 NTE-NTE1620 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video IF Amplifier, RF AGC Circuit
NTE746 NTE-NTE746 Datasheet
23Kb / 2P
Integrated Circuit TV Video IF Amplifier
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
Integrated Circuit Video IF Amplifier/PLL Detector System
NTE1522 NTE-NTE1522 Datasheet
79Kb / 2P
Integrated Circuit B/W Video IF
NTE1469 NTE-NTE1469 Datasheet
81Kb / 4P
Integrated Circuit Video IF & AFT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com