Electronic Components Datasheet Search
  English  ▼

X  

FWP-5A14F Datasheet (PDF) - Cooper Bussmann, Inc.

FWP-5A14F Datasheet PDF - Cooper Bussmann, Inc.
Part # FWP-5A14F
Download  FWP-5A14F Download
File Size   42.83 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 660V/700V (IEC/U.L.)

FWP-5A14F Datasheet (PDF)

Go To PDF Page Download Datasheet
FWP-5A14F Datasheet PDF - Cooper Bussmann, Inc.

Part # FWP-5A14F
Download  FWP-5A14F Click to download

File Size   42.83 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 660V/700V (IEC/U.L.)

FWP-5A14F Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FWP-5A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-5A14Fa COOPER-FWP-5A14Fa Datasheet
1Mb / 21P
Ferrule fuses
More results


Similar Description - FWP-5A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
FWP 660V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
FWP 700V 5-1200A
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
690V/700V (IEC/U.L.)
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com