Electronic Components Datasheet Search
  English  ▼

X  

2SK3443 Datasheet (PDF) - Toshiba Semiconductor

2SK3443 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3443
Download  2SK3443 Download
File Size   376.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS

2SK3443 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3443 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3443
Download  2SK3443 Click to download

File Size   376.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS

2SK3443 Datasheet (HTML) - Toshiba Semiconductor


2SK3443 Product details

Switching Regulator, DC-DC Converter and Motor Drive Applications

• Low drain-source ON resistance: RDS (ON) = 50 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 9 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 150 V)
• Enhancement mode: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3443

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3443 TOSHIBA-2SK3443 Datasheet
169Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443 Datasheet
171Kb / 6P
Switching Regulator, DC-DC Converter and
2SK3443 TOSHIBA-2SK3443_06 Datasheet
169Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443_09 Datasheet
171Kb / 6P
Switching Regulator, DC-DC Converter and
More results


Similar Description - 2SK3443

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
04-Sep-2002
2SK3462 TOSHIBA-2SK3462_06 Datasheet
182Kb / 6P
Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK4022 TOSHIBA-2SK4022 Datasheet
208Kb / 6P
Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com