Electronic Components Datasheet Search
  English  ▼

X  

NTE1383 Datasheet (PDF) - NTE Electronics

NTE1383 Datasheet PDF - NTE Electronics
Part # NTE1383
Download  NTE1383 Download
File Size   26.51 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)

NTE1383 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1383 Datasheet PDF - NTE Electronics

Part # NTE1383
Download  NTE1383 Click to download

File Size   26.51 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)

NTE1383 Datasheet (HTML) - NTE Electronics


NTE1383 Product details

Description:

The NTE1383 is an integrated circuit in an 18–Lead DIP designed for use as an audio output with low noise, low distortion, and high output for a wide range of power supply voltages and load resistance. Two built–in amplifiers provide dual or BTL operation. Typical applications include radio cassette recorder, tape recorder, car stereo, and home entertainment.



Features:

• High Output Power, Dual or BTL Circuit Operation

• Wide Output Power Setting Range

• Wide Supply Voltage Range

• Incorporates an Automatic Operating Point Stabilizer Circuit

• Low Distortion, Low 1/f Noise, and Low Shock Noise

• High Audio Channel Separation

• Incorporates a Phase Converter



 




Similar Part No. - NTE1383

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1380 NTE-NTE1380 Datasheet
25Kb / 3P
Integrated Circuit Audio Power Amplifier, 14W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
NTE1387 NTE-NTE1387 Datasheet
22Kb / 2P
Integrated Circuit Dual, Audio Power Amplifier, 2.4W/Ch
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
Integrated Circuit Dual, Audio Power Amplifier, 20W
More results


Similar Description - NTE1383

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1218 NTE-NTE1218 Datasheet
20Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 7W/Ch
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1343 NTE-NTE1343 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 10W/Ch
NTE1399 NTE-NTE1399 Datasheet
21Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 18W BTL
NTE1687 NTE-NTE1687 Datasheet
25Kb / 3P
Linear Integrated Circuit Dual, 2.5W (7.8W BTL) Audio Amp
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE1219 NTE-NTE1219 Datasheet
72Kb / 2P
Integrated Circuit Dual Audio Power Amp, 15 W/Ch
NTE1371 NTE-NTE1371 Datasheet
77Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.3W/Ch
NTE1273 NTE-NTE1273 Datasheet
76Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5W/Ch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com