Electronic Components Datasheet Search
  English  ▼

X  

NTE1368 Datasheet (PDF) - NTE Electronics

NTE1368 Datasheet PDF - NTE Electronics
Part # NTE1368
Download  NTE1368 Download
File Size   22.9 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel

NTE1368 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1368 Datasheet PDF - NTE Electronics

Part # NTE1368
Download  NTE1368 Click to download

File Size   22.9 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel

NTE1368 Datasheet (HTML) - NTE Electronics


NTE1368 Product details

Description:

The NTE1368 is an integrated circuit in a 12–Lead SIP type package designed for dual, low–frequency, high power amplifier applications. This device requires few external components, thus enabling high density mounting. Design for heat radiation is easy due to low thermal resistance. The NTE1368 contains internal power–on pop noise protection circuitry and various other protection circuits. This device is best suited for car stereo applications.



Features:

• High Power Output

• Low Noise Output Voltage

• Low Total Harmonic Distortion

• Minimum External Components

• On–Chip Power On Pop Noise Protection Circuit

• Audio Mute Function is provided

• Separated GND Pins for Input/Output Circuit

• Various Protection Circuits:

   Overvoltage Protection

   Thermal Protection

   Load Short Protection

   Output Pin–to–DC Short Protection



 




Similar Part No. - NTE1368

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1362 NTE-NTE1362 Datasheet
81Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1363 NTE-NTE1363 Datasheet
80Kb / 2P
Integrated Circuit Audio Power Amp, 4.2W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
NTE1367 NTE-NTE1367 Datasheet
30Kb / 3P
Integrated Circuit Dual, Audio Power Amp, 2.3W to 5W (4.6W to 15W BTL)
NTE1369 NTE-NTE1369 Datasheet
79Kb / 1P
Integrated Circuit Audio Power Amplifier, 5.5W
More results


Similar Description - NTE1368

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Panasonic Semiconductor
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
Dual 5.8W Audio Power Amplifier Circuit
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
Dual 5.8W Audio Power Amplifier Circuit
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com