Electronic Components Datasheet Search
  English  ▼

X  

TS985 Datasheet (PDF) - STMicroelectronics

TS985 Datasheet PDF - STMicroelectronics
Part # TS985
Download  TS985 Download
File Size   1216.17 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Micropower low-voltage, 1.2 x 0.8 mm CSP comparator

TS985 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS985 Datasheet PDF - STMicroelectronics

Part # TS985
Download  TS985 Click to download

File Size   1216.17 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Micropower low-voltage, 1.2 x 0.8 mm CSP comparator

TS985 Datasheet (HTML) - STMicroelectronics


TS985 Product details

Description
The TS985 is a single micropower and low voltage comparator. It can operate with a supply voltage ranging from 1.8 V to 5 V with a typical current consumption as low as 14 µA while achieving a 300 ns propagation delay. In addition, rail-to-rail inputs make it a perfect choice for low voltage applications. The 6-bump chip scale package (CSP) is a real advantage for overcoming space constraints. TS985 is specified for temperature between -40 °C to 85 °C, making it ideal for a wide range of applications. 7239,(: EXPSVRQERWWRP &63EXPS % % %What if we commit to six months? $ $ $What if we commit to six months? ,1 ,1 1& 9&& 287 9&&

Features
■ Supply operation from 1.8 to 5 V
■ Low current consumption: 14 µA
■ Rail to rail inputs, push-pull outputs
■ Low propagation delay: 300 ns
■ 60 µA supply current at 1 MHz switching frequency
■ Low output saturation voltage
■ Internal hysteresis
■ Wide temperature range: -40 ° to 85 °C
■ ESD tolerance: 2 kV HBM
■ 6-bump CSP, 1.2 x 0.8 mm, 400 µm pitch

Applications
■ Mobiles phones
■ Battery supplied electronics
■ General purpose portable devices
■ General purpose low voltage applications




Similar Part No. - TS985

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS985C3R FUJI-TS985C3R Datasheet
557Kb / 6P
Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R Datasheet
395Kb / 12P
SILICON DIODE
TS985C6R FUJI-TS985C6R Datasheet
642Kb / 6P
Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
Low-Loss Fast Recovery Diode
More results


Similar Description - TS985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
11-Oct-2007
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
logo
EHAOAN.
EH-C171DS5 EHAOAN-EH-C171DS5 Datasheet
1Mb / 10P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KFKT EHAOAN-EH-C171KFKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KGKT EHAOAN-EH-C171KGKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KRKT EHAOAN-EH-C171KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KSKT EHAOAN-EH-C171KSKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171TBKT-5A EHAOAN-EH-C171TBKT-5A Datasheet
1Mb / 7P
·Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171TGKT-5A EHAOAN-EH-C171TGKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com