Electronic Components Datasheet Search
  English  ▼

X  

MCP3221A2-I/OT Datasheet (PDF) - Microchip Technology

MCP3221A2-I/OT Datasheet PDF - Microchip Technology
Part # MCP3221A2-I/OT
Download  MCP3221A2-I/OT Download
File Size   480.52 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Power 12-Bit A/D Converter With I2C Interface

MCP3221A2-I/OT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3221A2-I/OT Datasheet PDF - Microchip Technology

Part # MCP3221A2-I/OT
Download  MCP3221A2-I/OT Click to download

File Size   480.52 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Power 12-Bit A/D Converter With I2C Interface

MCP3221A2-I/OT Datasheet (HTML) - Microchip Technology


MCP3221A2-I/OT Product details

Description
The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 package, this device provides one single-ended input with very low power consumption. Based on an advanced CMOS technology, the MCP3221 provides a low maximum conversion current and standby current of 250 µA and 1 µA, respectively. Low current consumption, combined with the small SOT-23 package, make this device ideal for battery-powered and remote data acquisition applications.

Features
• 12-bit resolution
• ±1 LSB DNL, ±2 LSB INL max.
• 250 µA max conversion current
• 5 nA typical standby current, 1 µA max.
• I2C™ compatible serial interface
    - 100 kHz I2C Standard Mode
    - 400 kHz I2C Fast Mode
• Up to 8 devices on a single 2-Wire bus
• 22.3 ksps in I2C Fast Mode
• Single-ended analog input channel
• On-chip sample and hold
• On-chip conversion clock
• Single-supply specified operation: 2.7V to 5.5V
• Temperature range:
    - Industrial: -40°C to +85°C
    - Extended: -40°C to +125°C
• Small SOT-23 package

Applications
• Data Logging
• Multi-zone Monitoring
• Hand-Held Portable Applications
• Battery-Powered Test Equipment
• Remote or Isolated Data Acquisition




Similar Part No. - MCP3221A2-I/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3221A2-I/OT MICROCHIP-MCP3221A2-I/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
More results


Similar Description - MCP3221A2-I/OT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7823 BURR-BROWN-ADS7823 Datasheet
275Kb / 15P
12-Bit, Sampling A/D Converter with I2C INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3221 MICROCHIP-MCP3221_06 Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3021 MICROCHIP-MCP3021 Datasheet
545Kb / 26P
Low Power 10-Bit A/D Converter With I2C??Interface
2003
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP3021 MICROCHIP-MCP3021_13 Datasheet
561Kb / 26P
Low Power 10-Bit A/D Converter With I2C??Interface
11/29/12
logo
Texas Instruments
ADS7823 TI1-ADS7823_14 Datasheet
637Kb / 20P
12-Bit, Sampling A/D Converter with I2C??INTERFACE
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com