Electronic Components Datasheet Search
  English  ▼

X  

NJU7241F28 Datasheet (PDF) - New Japan Radio

NJU7241F28 Datasheet PDF - New Japan Radio
Part # NJU7241F28
Download  NJU7241F28 Download
File Size   98.92 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High-Precision LDO 60mA C-MOS Voltage Regulator with Standby

NJU7241F28 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7241F28 Datasheet PDF - New Japan Radio

Part # NJU7241F28
Download  NJU7241F28 Click to download

File Size   98.92 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High-Precision LDO 60mA C-MOS Voltage Regulator with Standby

NJU7241F28 Datasheet (HTML) - New Japan Radio




Similar Part No. - NJU7241F28

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7241F28 NISSHINBO-NJU7241F28 Datasheet
106Kb / 8P
High-Precision LDO 60mA C-MOS Voltage Regulator with Standby
NJU7241F285 NISSHINBO-NJU7241F285 Datasheet
106Kb / 8P
High-Precision LDO 60mA C-MOS Voltage Regulator with Standby
More results


Similar Description - NJU7241F28

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
New Japan Radio
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJU7222 ETC1-NJU7222 Datasheet
87Kb / 2P
HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
logo
New Japan Radio
NJU7231 NJRC-NJU7231 Datasheet
127Kb / 5P
High Precision C-MOS 3-Terminal Voltage Regulator
logo
Micrel Semiconductor
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Richtek Technology Corp...
RT9022 RICHTEK-RT9022 Datasheet
148Kb / 11P
High Voltage, Low Quiescent, 60mA LDO Regulator
logo
ELM Technology Corporat...
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
MOS 300mA LDO Voltage regulator
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
New Japan Radio
NJU7222 NJRC-NJU7222 Datasheet
118Kb / 2P
HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
Ver.2007-02-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com