Electronic Components Datasheet Search
  English  ▼

X  

2SJ619 Datasheet (PDF) - Toshiba Semiconductor

2SJ619 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ619
Download  2SJ619 Download
File Size   220.43 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2MOSV)

2SJ619 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ619 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ619
Download  2SJ619 Click to download

File Size   220.43 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2MOSV)

2SJ619 Datasheet (HTML) - Toshiba Semiconductor


2SJ619 Product details

Switching Regulator and DC-DC Converter Applications
Motor Drive Applications

• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 0.15 Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 7.7 S (typ.)
• Low leakage current: IDSS = −100 µA (max) (VDS = −100 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ619

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ619 TOSHIBA-2SJ619 Datasheet
188Kb / 6P
Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ619 TOSHIBA-2SJ619 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ619 TOSHIBA-2SJ619_06 Datasheet
188Kb / 6P
Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Similar Description - 2SJ619

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com