Electronic Components Datasheet Search
  English  ▼

X  

BZX84B2V4 Datasheet (PDF) - Weitron Technology

BZX84B2V4 Datasheet PDF - Weitron Technology
Part # BZX84B2V4
Download  BZX84B2V4 Download
File Size   832.02 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SMALL SIGNAL ZENER DIODES 225m WATTS

BZX84B2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84B2V4 Datasheet PDF - Weitron Technology

Part # BZX84B2V4
Download  BZX84B2V4 Click to download

File Size   832.02 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SMALL SIGNAL ZENER DIODES 225m WATTS

BZX84B2V4 Datasheet (HTML) - Weitron Technology


BZX84B2V4 Product details

FEATURES
● Non-wire bonding structure improves
● High demand voltage range (3.6V-36V)
● This is a Pb-Free device




Similar Part No. - BZX84B2V4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B2V4 CENTRAL-BZX84B2V4 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
BZX84B2V4 VISHAY-BZX84B2V4 Datasheet
114Kb / 8P
Small Signal Zener Diodes
28-Feb-13
logo
Diotec Semiconductor
BZX84B2V4 DIOTEC-BZX84B2V4 Datasheet
127Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results


Similar Description - BZX84B2V4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Vishay Siliconix
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
logo
First Components Intern...
FMBZ5221B FCI-FMBZ5221B Datasheet
3Mb / 3P
Surface Mount Zener Diodes 225m WATTS SMALL SIGNAL
logo
Vishay Siliconix
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com