Electronic Components Datasheet Search
  English  ▼

X  

B1200E Datasheet (PDF) - Weitron Technology

B1200E Datasheet PDF - Weitron Technology
Part # B1200E
Download  B1200E Download
File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B1200E Datasheet (PDF)

Go To PDF Page Download Datasheet
B1200E Datasheet PDF - Weitron Technology

Part # B1200E
Download  B1200E Click to download

File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B1200E Datasheet (HTML) - Weitron Technology


B1200E Product details

Reverse Voltage 20 to 200V Forward Current 1.0A

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed: 260°C/10 seconds at terminals




Similar Part No. - B1200E

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B1200 CTC-B1200 Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B1200 WEITRON-B1200 Datasheet
144Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B1200 CTC-B1200 Datasheet
75Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Tripp Lite. All Rights ...
B120000 TRIPPLITE-B120000 Datasheet
507Kb / 2P
DVI Extender Equalizer, Dual-Link Video Repeater,2560x1600 at 60Hz (DVI F-F)
B120000SL TRIPPLITE-B120000SL Datasheet
507Kb / 2P
DVI Extender Equalizer, Single-Link Video Repeater,1920x1200 at 60Hz - 1080p (DVI F-F)
More results


Similar Description - B1200E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com