Electronic Components Datasheet Search
  English  ▼

X  

TVR5G Datasheet (PDF) - Toshiba Semiconductor

TVR5G Datasheet PDF - Toshiba Semiconductor
Part # TVR5G
Download  TVR5G Download
File Size   94.27 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Fast Recovery Diode Silicon Diffused Type

TVR5G Datasheet (PDF)

Go To PDF Page Download Datasheet
TVR5G Datasheet PDF - Toshiba Semiconductor

Part # TVR5G
Download  TVR5G Click to download

File Size   94.27 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Fast Recovery Diode Silicon Diffused Type

TVR5G Datasheet (HTML) - Toshiba Semiconductor


TVR5G Product details

TV Applications (fast recovery)

• Average Forward Current: IF (AV) =0.5 A
• Repetitive Peak Reverse Voltage: VRRM = 100 V, 400V, 600V
• Reverse Recovery Time: trr = 1.5 µs




Similar Part No. - TVR5G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
TVR5G TAYCHIPST-TVR5G Datasheet
2Mb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - TVR5G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
U1GU44 TOSHIBA-U1GU44 Datasheet
149Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U1JU44 TOSHIBA-U1JU44 Datasheet
138Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
U05NU44 TOSHIBA-U05NU44 Datasheet
146Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
TOSHIBA Zener Diode Silicon Diffused-Junction Type
1JH46TPA3 TOSHIBA-1JH46TPA3 Datasheet
253Kb / 4P
TOSHIBA FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
TOSHIBA Zener Diode Silicon Diffused Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com