Electronic Components Datasheet Search
  English  ▼

X  

TB62725 Datasheet (PDF) - Toshiba Semiconductor

TB62725 Datasheet PDF - Toshiba Semiconductor
Part # TB62725
Download  TB62725 Download
File Size   313.08 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V

TB62725 Datasheet (PDF)

Go To PDF Page Download Datasheet
TB62725 Datasheet PDF - Toshiba Semiconductor

Part # TB62725
Download  TB62725 Click to download

File Size   313.08 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V

TB62725 Datasheet (HTML) - Toshiba Semiconductor


TB62725 Product details

8-bit Constant-Current LED Driver with Operating Voltage of 3.3 V

The TB62725 series is comprised of constant-current drivers designed for LEDs and LED displays. The output current value can be set using an external resistor.
As a result, all outputs will have virtually the same current levels.
This driver incorporates a 8-bit constant-current output, a 8-bit shift register, a 8-bit latch and a gate circuit.
These drivers have been designed using the Bi-CMOS process.

Features
• Output current capability and number of outputs: 90 mA × 8 outputs
• Constant current range: 2~80 mA
• Application output voltage:
    0.7 V (output current 2~80 mA)
    0.4 V (output current 2~40 mA)
• For anode-common LEDs
• Input signal voltage level: 3.3-V CMOS level (Schmitt trigger input)
• Maximum output terminal voltage: 17 V
• Serial data transfer rate: 20 MHz (max, cascade connection)
• Operating temperature range Topr = −40~85°C
• Package:
    Type P: DIP16-P-300-2.54A
    Type F: SSOP16-P-225-1.00A
    Type FN: SSOP16-P-225-0.65B
• Package and pin layout: Pin layout and functionality are similar to those of the TB62705. (Each characteristic value is different.)
• Constant-current error accuracy (all outputs on)




Similar Part No. - TB62725

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62725BFG MARKTECH-TB62725BFG Datasheet
514Kb / 17P
8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62725BFG MARKTECH-TB62725BFG Datasheet
896Kb / 18P
8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62725BFNG MARKTECH-TB62725BFNG Datasheet
514Kb / 17P
8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62725BFNG MARKTECH-TB62725BFNG Datasheet
896Kb / 18P
8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
More results


Similar Description - TB62725

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
16-bit constant current LED driver with operating supply of 3.3V to 5V
06-Nov-2002
logo
Mean Well Enterprises C...
HVG-240 MEANWELL-HVG-240 Datasheet
131Kb / 6P
240W Constant Voltage Constant Current LED Driver
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
320W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
200W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
300W Constant Voltage Constant Current LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
160W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
300W Constant Voltage Constant Current LED Driver
NPF-200 MEANWELL-NPF-200 Datasheet
997Kb / 7P
200W Constant VoltageConstant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com