Electronic Components Datasheet Search
  English  ▼

X  

SA25C1024LMN Datasheet (PDF) - List of Unclassifed Manufacturers

SA25C1024LMN Datasheet PDF - List of Unclassifed Manufacturers
Part # SA25C1024LMN
Download  SA25C1024LMN Download
File Size   1120.34 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1Mb EEPROM SPI with 10MHz and Low Standby

SA25C1024LMN Datasheet (PDF)

Go To PDF Page Download Datasheet
SA25C1024LMN Datasheet PDF - List of Unclassifed Manufacturers

Part # SA25C1024LMN
Download  SA25C1024LMN Click to download

File Size   1120.34 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1Mb EEPROM SPI with 10MHz and Low Standby

SA25C1024LMN Datasheet (HTML) - List of Unclassifed Manufacturers


SA25C1024LMN Product details

[Saifun]

General Description
SA25C1024 is a 1Mb CMOS non-volatile serial EEPROM, organized as a 128K x 8-bit memory. The SA25C1024 is available in a space-saving, 8-lead narrow SOIC package. In addition, it is available in a wide range of voltages – 2.7-3.6 V and 4.5-5.5 V.

Features
• Saifun NROM™ Flash Cell
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• Byte and Page Write Modes (up to 128 bytes)
• Single Supply Voltage:
    – 2.7V to 3.6V (L)
    – 4.5V to 5.5V (H)
• 10MHz Clock Rate
• Block Write Protection:
    – Protect ¼, ½, or Entire Array
• Write Protect Pin and Write Disable Instructions of both Hardware and Software Data Protection
• Self-timed Write Cycle (10mS max)
• 100,000 Write Cycles (Minimum)
• 20 Year Data Retention
• Low-power Standby Current (less than 1µA)
• 8-SOIC Narrow Package (0.150” Wide Body, JEDEC SOIC)
• Temperature Range:
    – Industrial: -40°C to +85°C
    – Commercial: 0°C to +70°C




Similar Part No. - SA25C1024LMN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
More results


Similar Description - SA25C1024LMN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C512 ETC-SA25C512 Datasheet
1Mb / 19P
512Kb EEPROM SPI with 10MHz and Low Standby
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 16, 2005
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
CPU Supervisor with 16Kbit SPI EEPROM
June 1, 2006
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Everspin Technologies I...
MR25H10 EVERSPIN-MR25H10 Datasheet
1Mb / 20P
1Mb Serial SPI MRAM
Rev. 9.5 3/2018
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com