Electronic Components Datasheet Search
  English  ▼

X  

INA193 Datasheet (PDF) - Texas Instruments

INA193 Datasheet PDF - Texas Instruments
Part # INA193_17
Download  INA193 Download
File Size   1186.99 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Current Shunt Monitor ??6 V to 80 V Common-Mode Range

INA193 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA193 Datasheet PDF - Texas Instruments

Part # INA193_17
Download  INA193 Click to download

File Size   1186.99 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Current Shunt Monitor ??6 V to 80 V Common-Mode Range

INA193 Datasheet (HTML) - Texas Instruments




Similar Part No. - INA193_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results


Similar Description - INA193_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com