Electronic Components Datasheet Search
  English  ▼

X  

MM1313 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1313 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1313
Download  MM1313 Download
File Size   312.83 Kbytes
Page   12 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description I2C BUS Control 5-Input 2-Output AV Switch

MM1313 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1313 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1313
Download  MM1313 Click to download

File Size   312.83 Kbytes
Page   12 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description I2C BUS Control 5-Input 2-Output AV Switch

MM1313 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1313 Product details

Outline
This IC is a 5-input 2-output AV switch with I2C control, developed for use in televisions. Two outputs enable it to support two screens or "picture-in-picture".

Features
1. Serial control by I2C bus.
2. 5-inputs, 2-outputs.
3. Video and audio system switches can be controlled independently.
4. 6dB amplifier built in to video system.
5. Built-in Y/C MIX circuit.
6. Slave address can be changed : 90H or 92H.
7. Audio muting possible by external pin.
8. Maintains high impedance even when I2C BUS line (SDA, SCL) power supply is off.
9. Built-in 3 value discrimination function.
10.On-chip power ON reset function.
11.Two types of audio input impedance : 60kΩ and 30kΩ.
    MM1313AD : 60kΩ MM1313BD : 30kΩ
12.Supports 2-screen or P-IN-P TV.

Applications
1. Televisions
2. Other video equipment




Similar Part No. - MM1313

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1311 MITSUMI-MM1311 Datasheet
268Kb / 11P
I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
MM1311AD MITSUMI-MM1311AD Datasheet
268Kb / 11P
I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
MM1311BD MITSUMI-MM1311BD Datasheet
268Kb / 11P
I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
More results


Similar Description - MM1313

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
Mitsumi Electronics, Co...
MM1492AF MITSUMI-MM1492AF Datasheet
366Kb / 14P
I2C BUS Controlled 5-Input 2-Output AV Switch
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
Renesas Technology Corp
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
AV SWITCH WITH I2C BUS CONTROL
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
AV SWITCH WITH I2C BUS CONTROL
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
AV Switch with I2C Bus Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com