Electronic Components Datasheet Search
  English  ▼

X  

TZM5250 Datasheet (PDF) - Vishay Siliconix

TZM5250 Datasheet PDF - Vishay Siliconix
Part # TZM5250
Download  TZM5250 Download
File Size   80.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

TZM5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TZM5250 Datasheet PDF - Vishay Siliconix

Part # TZM5250
Download  TZM5250 Click to download

File Size   80.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

TZM5250 Datasheet (HTML) - Vishay Siliconix


TZM5250 Product details

• Very sharp reverse characteristic
• Very high stability
• Electrical data identical with the devices
1N5221B to 1N5267B
• Low reverse current level
• Standard Zener voltage tolerance ± 5 % with a
“B” suffix in the ordering code (e.g.: TZM5221B),
suffix “C” is ± 2 % tolerance
• AEC-Q101 qualified




Similar Part No. - TZM5250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5250B VISHAY-TZM5250B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
TAITRON Components Inco...
TZM5250B TAITRON-TZM5250B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5250B VISHAY-TZM5250B Datasheet
81Kb / 5P
Small Signal Zener Diodes
21-Mar-06
TZM5250B VISHAY-TZM5250B Datasheet
78Kb / 4P
Small Signal Zener Diodes
29-Nov-11
TZM5250B VISHAY-TZM5250B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results


Similar Description - TZM5250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com