Electronic Components Datasheet Search
  English  ▼

X  

NPT2024 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

NPT2024 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # NPT2024
Download  NPT2024 Download
File Size   12931.89 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Next generation high power RF semiconductor technology

NPT2024 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPT2024 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # NPT2024
Download  NPT2024 Click to download

File Size   12931.89 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Next generation high power RF semiconductor technology

NPT2024 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - NPT2024

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020-SMB2 MA-COM-NPT2020-SMB2 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020-SMBPPR MA-COM-NPT2020-SMBPPR Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
More results


Similar Description - NPT2024

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
logo
Johanson Technology Inc...
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
Next Generation MIL-PRF-64266
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
NEXT GENERATION GI3.3 RECEPTACLE CONTACT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com