Electronic Components Datasheet Search
  English  ▼

X  

SIA477EDJ Datasheet (PDF) - Vishay Siliconix

SIA477EDJ Datasheet PDF - Vishay Siliconix
Part # SIA477EDJ
Download  SIA477EDJ Download
File Size   224.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 12 V (D-S) MOSFET

SIA477EDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIA477EDJ Datasheet PDF - Vishay Siliconix

Part # SIA477EDJ
Download  SIA477EDJ Click to download

File Size   224.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 12 V (D-S) MOSFET

SIA477EDJ Datasheet (HTML) - Vishay Siliconix


SIA477EDJ Product details

• TrenchFET® Power MOSFET
• Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Low On-Resistance
• 100 % Rg Tested
• Built in ESD Protection with Zener Diode
• Typical ESD Performance: 3800 V (HBM)




Similar Part No. - SIA477EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
P-Channel 12 V (D-S) MOSFET
29-Aug-16
SIA477EDJT-T1-GE3 VISHAY-SIA477EDJT-T1-GE3 Datasheet
333Kb / 10P
P-Channel 12 V (D-S) MOSFET
15-Nov-2021
SIA477EDJT VISHAY-SIA477EDJT_V01 Datasheet
333Kb / 10P
P-Channel 12 V (D-S) MOSFET
15-Nov-2021
More results


Similar Description - SIA477EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
P-Channel 12-V (D-S) MOSFET
05-Aug-02
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
P-Channel 12-V (D-S) MOSFET
21-Mar-05
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
P-Channel 12-V (D-S) MOSFET
23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
P-Channel 12-V (D-S) MOSFET
07-Jul-03
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
P-Channel 12-V (D-S) MOSFET
23-Jun-08
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
P-Channel 12 V (D-S) MOSFET
19-Jul-10
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
P-Channel 12-V (D-S) MOSFET
16-Nov-09
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
P-Channel 12 V (D-S) MOSFET
29-Aug-16
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com