Electronic Components Datasheet Search
  English  ▼

X  

SMPZ39XB Datasheet (PDF) - Vishay Siliconix

SMPZ39XB Datasheet PDF - Vishay Siliconix
Part # SMPZ39XB
Download  SMPZ39XB Download
File Size   98.73 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Power Voltage-Regulating Diodes

SMPZ39XB Datasheet (PDF)

Go To PDF Page Download Datasheet
SMPZ39XB Datasheet PDF - Vishay Siliconix

Part # SMPZ39XB
Download  SMPZ39XB Click to download

File Size   98.73 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Power Voltage-Regulating Diodes

SMPZ39XB Datasheet (HTML) - Vishay Siliconix


SMPZ39XB Product details

• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low Zener impedance
• Low regulation factor
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C




Similar Part No. - SMPZ39XB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Isabellenhütte Heu...
SMP ISABELLENHUETTE-SMP Datasheet
1Mb / 4P
Precision resistors
logo
SOVICO corp.
SMP-02 SOVICO-SMP-02 Datasheet
720Kb / 1P
MIC JACK PLATE(2CCT)
logo
List of Unclassifed Man...
SMP-02V-B(N)C ETC2-SMP-02V-B(N)C Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-BC ETC2-SMP-02V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Similar Description - SMPZ39XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
20-Sep-07
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
22-Oct-08
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
25-May-12
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
25-May-12
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
25-May-12
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Mar-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com