Electronic Components Datasheet Search
  English  ▼

X  

SA24C1024LMFX Datasheet (PDF) - List of Unclassifed Manufacturers

SA24C1024LMFX Datasheet PDF - List of Unclassifed Manufacturers
Part # SA24C1024LMFX
Download  SA24C1024LMFX Download
File Size   680.49 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1024Kb EEPROM IIC

SA24C1024LMFX Datasheet (PDF)

Go To PDF Page Download Datasheet
SA24C1024LMFX Datasheet PDF - List of Unclassifed Manufacturers

Part # SA24C1024LMFX
Download  SA24C1024LMFX Click to download

File Size   680.49 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1024Kb EEPROM IIC

SA24C1024LMFX Datasheet (HTML) - List of Unclassifed Manufacturers


SA24C1024LMFX Product details

[Saifun]

General Description
The SA24C1024 is a 1024Kbit CMOS nonvolatile serial EEPROM organized as 128K x 8 bit memory. This device conforms to Extended IIC 2-wire protocol, which enables accessing of memory in excess of 16 Kbits on an IIC bus. This serial communication protocol uses a Clock signal (SCL) and a Data signal (SDA) to synchronously clock data between a Master (for example, a microcontroller) and a Slave (EEPROM).

Features
• Saifun NROM™ NVM Technology
• Operating voltage: 2.7V to 3.6V
• Clock frequency: 100/400/1700/3400 kHz
• Low power consumption
    – 0.5µA standby current typical (L version)
    – <0.2µA standby current typical (LZ version)
• Write Modes
    – Byte Mode
    – Page Mode (128 Bytes/Page)
• Schmitt trigger inputs
• Hardware and software write protection for entire or partial array
• Endurance: up to 1 million data changes
• Data Retention: Greater than 40 years
• Packages: 8-Pin DIP and 8-Pin SOIC and MLF Leadless
• Temperature range
    – Commercial: 0 °C to +70 °C
    – Industrial (E): -40 °C to +85 °C




Similar Part No. - SA24C1024LMFX

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA24C1024LMFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
IIC Bus Controlled On-Screen Display
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
9V Duall H--Briidge Mottor Driiver IIC
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
18V Duall H-Briidge Motor Driiver IIC
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
Encoder // Decoder IIC?쇺?s
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com