Electronic Components Datasheet Search
  English  ▼

X  

TX299KS Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

TX299KS Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # TX299KS
Download  TX299KS Download
File Size   141.88 Kbytes
Page   1 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Threshold Current

TX299KS Datasheet (PDF)

Go To PDF Page Download Datasheet
TX299KS Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # TX299KS
Download  TX299KS Click to download

File Size   141.88 Kbytes
Page   1 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Threshold Current

TX299KS Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


TX299KS Product details

Description
Avago Technologies’ 10G Transmit Optical Sub-Assemblies (TOSA) are compliant to the XMD MSA. With class-leading electro-optic performance and exceptionally low power consumption, these TOSAs are designed for integration into SFP, SFP+ and XFP and other transceiver and transponder modules, as well as optical line cards addressing Metropolitan Network applications.

Features & Advantages:
• Low Threshold Current
• Wide Operating temperature -25°C to +90°C
• Using InAlGaAs chip technology, FP and DFB chips
• Internal optical isolator
• Supports up to 10.7 Gb/s to 10km (LR1 SONET/ SDH OC-192/STM-64, 10GBE & 10G Fiber Channel )




Similar Part No. - TX299KS

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX29-19-15 FERROXCUBE-TX29-19-15 Datasheet
43Kb / 3P
Ferrite toroids
TX29-19-7.5 FERROXCUBE-TX29-19-7.5 Datasheet
43Kb / 3P
Ferrite toroids
TX29-19-7.6 FERROXCUBE-TX29-19-7.6 Datasheet
43Kb / 3P
Ferrite toroids
TX29/19/15 FERROXCUBE-TX29/19/15 Datasheet
43Kb / 3P
Ferrite toroids
TX29/19/15-3E5 FERROXCUBE-TX29/19/15-3E5 Datasheet
43Kb / 3P
Ferrite toroids
More results


Similar Description - TX299KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010C ETC2-010C Datasheet
865Kb / 2P
Low starting threshold
013 ETC2-013 Datasheet
495Kb / 2P
Low starting threshold
logo
Diodes Incorporated
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
Low Gate Threshold Voltage
Rev 2
logo
Skyworks Solutions Inc.
SKY16602-632LF SKYWORKS-SKY16602-632LF Datasheet
1Mb / 11P
Low limiting threshold
logo
Maxim Integrated Produc...
MAX8845ZEVKIT MAXIM-MAX8845ZEVKIT Datasheet
154Kb / 11P
Programmable Top-Off Current Threshold
Rev 0; 12/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com