Electronic Components Datasheet Search
  English  ▼

X  

LM3940N Datasheet (PDF) - List of Unclassifed Manufacturers

LM3940N Datasheet PDF - List of Unclassifed Manufacturers
Part # LM3940N
Download  LM3940N Download
File Size   145.25 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.25A High Current Low Dropout

LM3940N Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3940N Datasheet PDF - List of Unclassifed Manufacturers

Part # LM3940N
Download  LM3940N Click to download

File Size   145.25 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.25A High Current Low Dropout

LM3940N Datasheet (HTML) - List of Unclassifed Manufacturers


LM3940N Product details

[Bay-Linear]

Description
The Bay Linear LM3940 is a 1.25A high accuracy, low dropout voltage regulator with only 40mV at light loads and 350mV(Typ.)@ 1.0A) and low quiescent current of 240µA typical.
The LM3940 is designed for low voltage a application that requires lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage applications where require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications.
The LM3940 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%.
The LM3940 are offered in a 3-pin SOT-223, TO-220 & TO-263 package compatible with other 3 terminal regulators. The LM3940 is also offer in a new LPDD (Low Profile TO-263) package from 4.47 mm (DD) tickness down to only 1.27 mm (LPDD) total tickness.

Features
• High output accuracy of 1%
• Fix Output 5.0v & 3.3V
• Output Current of 1.25A
• Low Dropout Voltage
• Low quiescent current
• Extremely Tight Load & Line Regulation
• Reverse-battery and “Load Dump” Protection
• Zero Current Shutdown Mode (5-pin version)
• Offer in TO-263, TO-252, TO-220, SOT-223, & New Slim LPDD
• Similar to industry Standard LM3940

Applications
• Powering VGA & Sound Card
• LCD Monitor
• Battery Powered Equipments/Laptop & Notebook
• SMPS Post Regulator / DC to DC Modules
• High Efficiency Linear Power Supply
• Adjustable Power Supply
• Bar Code Scanners




Similar Part No. - LM3940N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940 Datasheet
367Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
1 AMP LOW DROPOUT REGULATOR FOR
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Similar Description - LM3940N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
logo
List of Unclassifed Man...
LM2940 ETC-LM2940 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
1.25A Low Dropout Voltage Regulator
09/14/21
logo
TECH PUBLIC Electronics...
MIC29302WU TECHPUBLIC-MIC29302WU Datasheet
3Mb / 8P
High-Current Low Dropout Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com