Electronic Components Datasheet Search
  English  ▼

X  

IS3052 Datasheet (PDF) - List of Unclassifed Manufacturers

IS3052 Datasheet PDF - List of Unclassifed Manufacturers
Part # IS3052
Download  IS3052 Download
File Size   37.56 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED RANDOM PHASE NON-ZERO CROSSING TRIAC DRIVERS

IS3052 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS3052 Datasheet PDF - List of Unclassifed Manufacturers

Part # IS3052
Download  IS3052 Click to download

File Size   37.56 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED RANDOM PHASE NON-ZERO CROSSING TRIAC DRIVERS

IS3052 Datasheet (HTML) - List of Unclassifed Manufacturers


IS3052 Product details

[Isocom]

DESCRIPTION
The IS3052 is an optically coupled isolator consisting of a Gallium Arsenide infrared emitting diode coupled with a light activated silicon bilateral switch performing the functions of a triac mounted in a standard 6 pin dual-in-line package. The IS3052 provides random phase control of high current triacs or thyristors. The IS3052 features greatly enhanced static dv/dt capability to ensure stable switching performance of inductive loads.

FEATURE
• Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• 550V Peak BlockingVoltage
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• Solenoid / Valve Controls
• Lamp Ballasts
• Static AC Power Switch
• Interfacing Microprocessors to 115 and 240Vac Peripherals
• Solid State Relays
• Incandescent Lamp Dimmers
• Temperature Controls
• Motor Controls




Similar Part No. - IS3052

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS30-12 PAIRUI-IS30-12 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS30-12 PAIRUI-IS30-12 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS30-15 PAIRUI-IS30-15 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS30-24 PAIRUI-IS30-24 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS30-24 PAIRUI-IS30-24 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
More results


Similar Description - IS3052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS607 ETC-IS607 Datasheet
58Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
OPTEK Technologies
OPI3009 OPTEK-OPI3009 Datasheet
97Kb / 2P
Optically Coupled Triac Drivers
OPI3030 OPTEK-OPI3030 Datasheet
109Kb / 2P
ZERO VOLTAGE CROSSING OPTICALLY COUPLED TRIAC DRIVERS
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com