Electronic Components Datasheet Search
  English  ▼

X  

1SMF5920B Datasheet (PDF) - ON Semiconductor

1SMF5920B Datasheet PDF - ON Semiconductor
Part # 1SMF5920B
Download  1SMF5920B Download
File Size   61.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 Watt Zener Diode in Flat Lead Package

1SMF5920B Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMF5920B Datasheet PDF - ON Semiconductor

Part # 1SMF5920B
Download  1SMF5920B Click to download

File Size   61.88 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 Watt Zener Diode in Flat Lead Package

1SMF5920B Datasheet (HTML) - ON Semiconductor


1SMF5920B Product details

2.5 Watt Zener Diode in Flat Lead Package

This complete new line of 2.5 Watt Zener Diodes are offered in highly efficient micro miniature and space saving surface mount design. Because of its small size, it is ideal for use in cellular phones, portable devices, business machines and many other industrial/consumer applications.

Features
• Zener Breakdown Voltage: 6.2 V
• Low Leakage < 5 μA
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• Small Footprint − Footprint Area of 8.45 mm2
• Low Profile − Maximum Height of 1.0 mm
• Supplied in 8 mm Tape and Reel − 3,000 Units per Reel
• Cathode Indicated by Polarity Band
• Lead Orientation in Tape: Cathode Lead to Sprocket Holes
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
   Compliant




Similar Part No. - 1SMF5920B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMF5920BT1G ONSEMI-1SMF5920BT1G Datasheet
107Kb / 4P
2.5 Watt Zener Diode in Flat Lead Package
October 2010 ??Rev. P0
More results


Similar Description - 1SMF5920B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF5.0AT1 ONSEMI-SMF5.0AT1 Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B Datasheet
73Kb / 2P
200mW Surface Mount Flat Lead Plastic Package Zener Diode
UDZS3V6B TSC-UDZS3V6B_08 Datasheet
311Kb / 3P
200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
ON Semiconductor
1SMF5920BT1G ONSEMI-1SMF5920BT1G Datasheet
107Kb / 4P
2.5 Watt Zener Diode in Flat Lead Package
October 2010 ??Rev. P0
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
logo
ON Semiconductor
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
ON Semiconductor
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B_14 Datasheet
446Kb / 4P
Surface Mount Flat Lead Plastic Package Zener Diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com