Electronic Components Datasheet Search
  English  ▼

X  

APA4800 Datasheet (PDF) - Anpec Electronics Coropration

APA4800 Datasheet PDF - Anpec Electronics Coropration
Part # APA4800
Download  APA4800 Download
File Size   124.36 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 290mW 8ohm Speaker Driver

APA4800 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA4800 Datasheet PDF - Anpec Electronics Coropration

Part # APA4800
Download  APA4800 Click to download

File Size   124.36 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 290mW 8ohm Speaker Driver

APA4800 Datasheet (HTML) - Anpec Electronics Coropration


APA4800 Product details

Gereral Description
The APA4800 is an integrated class AB stereo head phone amplifier contained in an SO-8 or a DIP-8 plastic package. The APA4800 is capable of delivering 290mW of max. output power to an 8Ω load with less than 10% (THD+N) from a 5V power supply. The device has been primarily developed for portable digital audio applications.

Features
• O perating Voltage
   Single Supply                  3V to 7V
   Dual Supply                     ±1.5V to ± 3.5V
• High Signal-to-Noise Ratio 100dB
• High Slew Rate 5V/ µs
• Low Distortion -65dB
• Output Power at 10% THD+N
   into 8Ω             290mW
   into 16Ω           190mW
• Large Output Voltage Swing
• Excellent Power Supply Ripple Rejection
• Low Power Consumption
• Short-circuit Elimination
• Wide Temperature Range
• No Switch ON/OFF Clicks
• Available in 8 pin SOP or DIP Package

Applications
• Portable Digital Audio
• Personal Computers
• Microphone Preamplifier




Similar Part No. - APA4800

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TR ANPEC-APA4801JI-TR Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TU ANPEC-APA4801JI-TU Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TR ANPEC-APA4801KI-TR Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TU ANPEC-APA4801KI-TU Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
More results


Similar Description - APA4800

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
10W Stereo Class-D Speaker Driver Amplifier
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
10W Stereo Class-D Speaker Driver
logo
AAEON Technology
GENE-BT07 AAEON-GENE-BT07 Datasheet
274Kb / 2P
2 CH Audio, Support 8ohm/2W Speaker
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com