Electronic Components Datasheet Search
  English  ▼

X  

AK4383VT Datasheet (PDF) - Asahi Kasei Microsystems

AK4383VT Datasheet PDF - Asahi Kasei Microsystems
Part # AK4383VT
Download  AK4383VT Download
File Size   280.26 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 192kHz 24-Bit 2ch DAC with DSD input

AK4383VT Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4383VT Datasheet PDF - Asahi Kasei Microsystems

Part # AK4383VT
Download  AK4383VT Click to download

File Size   280.26 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 192kHz 24-Bit 2ch DAC with DSD input

AK4383VT Datasheet (HTML) - Asahi Kasei Microsystems


AK4383VT Product details

GENERAL DESCRIPTION
The AK4383 offers the perfect mix for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator the AK4383 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4383 has full differential SCF outputs, removing the need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The AK4383 accepts 192kHz PCM data and 1-Bit DSD data, ideal for a wide range of applications including DVD-Audio and SACD. The AK4383 is offered in a space saving 20pin TSSOP package.

FEATURES
□ Sampling Rate Ranging from 8kHz to 192kHz
□ 24-Bit 8 times FIR Digital Filter
□ On chip SCF
□ Digital de-emphasis for 32k, 44.1k and 48kHz sampling
□ Soft mute
□ Digital Attenuator (Linear 256 steps)
□ PCM I/F format: 24-Bit MSB justified, 24/20/16-Bit LSB justified or I2S
□ Master clock: 256fs, 384fs, 512fs or 768fs (PCM Normal Speed Mode)
    128fs, 192fs, 256fs or 384fs (PCM Double Speed Mode)
    128fs or 192fs (PCM Quad Speed Mode)
    512fs or 768fs (DSD Mode)
□ THD+N: -94dB
□ Dynamic Range: 110dB
□ DSD Data Input Mode
□ High Tolerance to Clock Jitter
□ Power supply: 4.75 to 5.25V
□ Very Small Package: 20pin TSSOP (0.65mm pitch)
□ AK4382 Pin Compatible




Similar Part No. - AK4383VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
100dB 24BIT 96kHz 2CH DAC
AK4380VT AKM-AK4380VT Datasheet
226Kb / 21P
100dB 24BIT 96kHz 2CH DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
108DB 192KHZ 24-BIT 2CH DAC
AK4381VT AKM-AK4381VT Datasheet
232Kb / 21P
108DB 192KHZ 24-BIT 2CH DAC
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
112dB 192kHz 24-BIT SCH DAC
More results


Similar Description - AK4383VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
106dB 192kHz 24-Bit 2ch DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
108DB 192KHZ 24-BIT 2CH DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
192kHz 24-Bit 6ch DAC with DSD Input
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
192kHz 24-Bit 8ch DAC with DSD Input
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
192kHz 24-Bit 2ch ?誇 DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com