Electronic Components Datasheet Search
  English  ▼

X  

BZT52C8V2 Datasheet (PDF) - Vishay Siliconix

BZT52C8V2 Datasheet PDF - Vishay Siliconix
Part # BZT52C8V2
Download  BZT52C8V2 Download
File Size   128.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

BZT52C8V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C8V2 Datasheet PDF - Vishay Siliconix

Part # BZT52C8V2
Download  BZT52C8V2 Click to download

File Size   128.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Zener Diodes

BZT52C8V2 Datasheet (HTML) - Vishay Siliconix


BZT52C8V2 Product details

FEATURES
• Silicon planar Zener diodes
• The Zener voltages are graded according to
   the international E24 standard
• AEC-Q101 qualified available
• ESD capability according to AEC-Q101:
   Human body model > 8 kV
   Machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial
   grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - BZT52C8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C8V2 DIODES-BZT52C8V2 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Micro Commercial Compon...
BZT52C8V2 MCC-BZT52C8V2 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
BZT52C8V2 DIOTEC-BZT52C8V2 Datasheet
55Kb / 2P
Surface mount Zener Diodes
logo
Diodes Incorporated
BZT52C8V2 DIODES-BZT52C8V2 Datasheet
79Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
logo
Continental Device Indi...
BZT52C8V2 CDIL-BZT52C8V2 Datasheet
325Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - BZT52C8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com