Electronic Components Datasheet Search
  English  ▼

X  

GPP20G Datasheet (PDF) - Vishay Siliconix

GPP20G Datasheet PDF - Vishay Siliconix
Part # GPP20G
Download  GPP20G Download
File Size   19.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Rectifiers

GPP20G Datasheet (PDF)

Go To PDF Page Download Datasheet
GPP20G Datasheet PDF - Vishay Siliconix

Part # GPP20G
Download  GPP20G Click to download

File Size   19.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Rectifiers

GPP20G Datasheet (HTML) - Vishay Siliconix


GPP20G Product details

FEATURES
• Glass passivated chip junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in
   accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
   For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application.




Similar Part No. - GPP20G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP20G VISHAY-GPP20G Datasheet
66Kb / 4P
Glass Passivated Junction Rectifier
03-Nov-09
logo
Shenzhen Taychipst Elec...
GPP20G TAYCHIPST-GPP20G Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
SUNMATE electronic Co.,...
GPP20G SUNMATE-GPP20G Datasheet
1,004Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
GPP20G VISHAY-GPP20G Datasheet
72Kb / 5P
Glass Passivated Junction Plastic Rectifier
16-Jun-2020
logo
VoltarisTech Inc
GPP20G VOLTARISTECH-GPP20G Datasheet
335Kb / 2P
Glass Passivated Junction Rectifiers
Rev.A5
More results


Similar Description - GPP20G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
19Kb / 2P
Glass Passivated Junction Rectifiers
18-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
Glass Passivated Junction Rectifiers
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIERS
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
Glass Passivated Junction Rectifiers
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
Glass Passivated Junction Rectifiers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com