Electronic Components Datasheet Search
  English  ▼

X  

MBRF30H100CTG Datasheet (PDF) - ON Semiconductor

MBRF30H100CTG Datasheet PDF - ON Semiconductor
Part # MBRF30H100CTG
Download  MBRF30H100CTG Download
File Size   87.89 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch?릑ode Power Rectifier

MBRF30H100CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF30H100CTG Datasheet PDF - ON Semiconductor

Part # MBRF30H100CTG
Download  MBRF30H100CTG Click to download

File Size   87.89 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch?릑ode Power Rectifier

MBRF30H100CTG Datasheet (HTML) - ON Semiconductor


MBRF30H100CTG Product details

Features and Benefits
• Low Forward Voltage: 0.67 V @ 125°C
• Low Power Loss/High Efficiency
• High Surge Capacity
• 175°C Operating Junction Temperature
• 30 A Total (15 A Per Diode Leg)
• Pb−Free Package is Available

Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation




Similar Part No. - MBRF30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF30H100CTG ONSEMI-MBRF30H100CTG Datasheet
128Kb / 8P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 4
MBRF30H100CTG ONSEMI-MBRF30H100CTG Datasheet
322Kb / 9P
Switch-mode Power Rectifier 100 V, 30 A
January, 2024 - Rev. 8
More results


Similar Description - MBRF30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYW51-200 ONSEMI-BYW51-200_14 Datasheet
95Kb / 5P
Switch?릑ode Power Rectifier
November, 2014 ??Rev. 4
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
Switch Mode Power Rectifier
January, 2015 ??Rev. 5
MURF1660CTG ONSEMI-MURF1660CTG_14 Datasheet
102Kb / 4P
Switch-mode Power Rectifier
February, 2014 ??Rev. 6
MBRP20030CTL ONSEMI-MBRP20030CTL Datasheet
131Kb / 4P
Switch-mode Power Rectifier
January, 2015 ??Rev. 7
BUX85G ONSEMI-BUX85G_15 Datasheet
72Kb / 5P
Switch?릑ode NPN Silicon Power Transistors
March, 2015 ??Rev. 18
MURD340T4G ONSEMI-MURD340T4G Datasheet
65Kb / 4P
Switch-mode PowerRectifier
October, 2016 ??Rev. 3
MBR60L45CTG ONSEMI-MBR60L45CTG_15 Datasheet
103Kb / 6P
Switch?릑ode Power Rectifier
January, 2015 ??Rev. 4
MBR20200CT ONSEMI-MBR20200CT_14 Datasheet
93Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 10
MBR3045ST ONSEMI-MBR3045ST_14 Datasheet
94Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 9
MBR2535CTG ONSEMI-MBR2535CTG_14 Datasheet
94Kb / 4P
Switch?릑ode Power Rectifiers
September, 2014 ??Rev. 15
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com