Electronic Components Datasheet Search
  English  ▼

X  

74479876210 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74479876210 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74479876210
Download  74479876210 Download
File Size   290.07 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PMI Power Multilayer Inductor

74479876210 Datasheet (PDF)

Go To PDF Page Download Datasheet
74479876210 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74479876210
Download  74479876210 Click to download

File Size   290.07 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PMI Power Multilayer Inductor

74479876210 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74479876210 Product details

E General information:

It is recommended that the temperature of the part does not exceed 125°C under worst case operating conditions.
• Ambient temperature: -40°C to +85°C/105°C (refering to IR)
• Operating temperature: -40°C to +125°C
• Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
• Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently




Similar Part No. - 74479876210

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479876210C WURTH-74479876210C Datasheet
290Kb / 6P
WE-PMI Power Multilayer Inductor
More results


Similar Description - 74479876210

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479876215C WURTH-74479876215C Datasheet
289Kb / 6P
WE-PMI Power Multilayer Inductor
74479899111 WURTH-74479899111 Datasheet
829Kb / 6P
WE-PMI Power Multilayer Inductor
74479899130 WURTH-74479899130 Datasheet
811Kb / 6P
WE-PMI Power Multilayer Inductor
74479899150 WURTH-74479899150 Datasheet
810Kb / 6P
WE-PMI Power Multilayer Inductor
74479899210 WURTH-74479899210 Datasheet
804Kb / 6P
WE-PMI Power Multilayer Inductor
74479887222A WURTH-74479887222A Datasheet
1Mb / 7P
WE-PMI Power Multilayer Inductor
74479777310 WURTH-74479777310 Datasheet
1Mb / 7P
WE-PMI Power Multilayer Inductor
74479778310 WURTH-74479778310 Datasheet
484Kb / 7P
WE-PMI Power Multilayer Inductor
001.002
74479775222A WURTH-74479775222A Datasheet
543Kb / 7P
WE-PMI Power Multilayer Inductor
001.004
74479775247 WURTH-74479775247 Datasheet
543Kb / 7P
WE-PMI Power Multilayer Inductor
002.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com