Electronic Components Datasheet Search
  English  ▼

X  

HMC6300BG46 Datasheet (PDF) - Analog Devices

HMC6300BG46 Datasheet PDF - Analog Devices
Part # HMC6300BG46
Download  HMC6300BG46 Download
File Size   740.39 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Output power for 1 dB compression

HMC6300BG46 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6300BG46 Datasheet PDF - Analog Devices

Part # HMC6300BG46
Download  HMC6300BG46 Click to download

File Size   740.39 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Output power for 1 dB compression

HMC6300BG46 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6300BG46

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6300BG46 AD-HMC6300BG46 Datasheet
740Kb / 25P
60 GHz Millimeterwave Transmitter, 57 GHz to 64 GHz
Rev. C
More results


Similar Description - HMC6300BG46

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
CGD1044H NXP-CGD1044H Datasheet
51Kb / 7P
1 GHz, 25 dB gain high output power doubler
Rev. 01 - 10 October 2007
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
ANADIGICS, Inc
ACA2784 ANADIGICS-ACA2784 Datasheet
503Kb / 3P
1 GHz, 21 dB Gain High Output Power DoublerAmplifier
Rev 0.0
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
logo
API Technologies Corp
ENL9654 APITECH-ENL9654 Datasheet
224Kb / 1P
Compression Range: 55 dB
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
1 GHz, 23 dB gain high output power doubler
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
1 GHz, 25 dB gain high output power doubler
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com