Electronic Components Datasheet Search
  English  ▼

X  

Q2006LT Datasheet (PDF) - Teccor Electronics

Q2006LT Datasheet PDF - Teccor Electronics
Part # Q2006LT
Download  Q2006LT Download
File Size   124.53 Kbytes
Page   6 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Internally Triggered Triacs (4 A to 15 A)

Q2006LT Datasheet (PDF)

Go To PDF Page Download Datasheet
Q2006LT Datasheet PDF - Teccor Electronics

Part # Q2006LT
Download  Q2006LT Click to download

File Size   124.53 Kbytes
Page   6 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Internally Triggered Triacs (4 A to 15 A)

Q2006LT Datasheet (HTML) - Teccor Electronics


Q2006LT Product details

General Description

Teccor’s Quadrac devices are triacs that include a diac trigger mounted inside the same package. This device, developed by Teccor, saves the user the expense and assembly time of buying a discrete diac and assembling in conjunction with a gated triac. Also, the alternistor Quadrac device (QxxxxLTH) eliminates the need for a snubber network.

The Quadrac device is a bidirectional AC switch and is gate controlled for either polarity of main terminal voltage. Its primary purpose is for AC switching and phase control applications such as speed controls, temperature modulation controls, and lighting controls where noise immunity is required.



Features

• Glass-passivated junctions

• Electrically-isolated package

• Internal trigger diac

• High surge capability — up to 200 A

• High voltage capability — 200 V to 600 V



 




Similar Part No. - Q2006LT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2006LT LITTELFUSE-Q2006LT Datasheet
139Kb / 6P
Quadrac - Internally Triggered Triacs (4 A to 15 A)
More results


Similar Description - Q2006LT

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
TRIAC - Internally Triggered
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
Quadrac - Internally Triggered Triacs (4 A to 15 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
GE Solid State
MAC15 GESS-MAC15 Datasheet
149Kb / 4P
15-A Silicon Triacs
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
4 A Triacs
14-Nov-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com