Electronic Components Datasheet Search
  English  ▼

X  

MRF377R3 Datasheet (PDF) - Motorola, Inc

MRF377R3 Datasheet PDF - Motorola, Inc
Part # MRF377R3
Download  MRF377R3 Download
File Size   1032.28 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTOR

MRF377R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF377R3 Datasheet PDF - Motorola, Inc

Part # MRF377R3
Download  MRF377R3 Click to download

File Size   1032.28 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTOR

MRF377R3 Datasheet (HTML) - Motorola, Inc


MRF377R3 Product details

Designed for broadband commercial and industrial applications with frequen cies from 470 to 860 MHz. The high gain and broadband performance of this device make it ideal for largeñsignal, common source amplifier applications in 32 volt digital television transmitter equipment.





• Typical Broadband DVBT OFDM Performance @ 470ñ860 MHz, 32 Volts,

IDQ= 2.0 A, 8K Mode, 64 QAM

Output Power - 45 Watts Avg.

Power Gain ≥16.7 dB

Efficiency ≥21%

ACPR ≤ -58 dBc

• Typical Broadband ATSC 8VSB Performance @ 470ñ860 MHz, 32 Volts,

IDQ= 2.0 A

Output Power ó 80 Watts Avg.

Power Gain ≥16.5 dB

Efficiency ≥27.5%

IMD ≤-31.3 dBc

• Internally Input and Output Matched for Ease of Use

• Integrated ESD Protection

• Capable of Handling 10:1 VSWR, @ 32 Vdc, 860 MHz, 45 Watts DVBT OFDM Output Power

• Excellent Thermal Stability

• Characterized with Series Equivalent LargeñSignal Impedance Parameters

• Available in Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel. R5 Suffix = 50 Units per 56 mm, 13 inch Reel.




Similar Part No. - MRF377R3

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF377 ASI-MRF377 Datasheet
39Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF377HR3 FREESCALE-MRF377HR3 Datasheet
781Kb / 16P
RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF377HR3 FREESCALE-MRF377HR3 Datasheet
787Kb / 14P
RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF377HR3 FREESCALE-MRF377HR3_09 Datasheet
787Kb / 14P
RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF377HR5 FREESCALE-MRF377HR5 Datasheet
781Kb / 16P
RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF377R3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com