Electronic Components Datasheet Search
  English  ▼

X  

MURA210 Datasheet (PDF) - ON Semiconductor

MURA210 Datasheet PDF - ON Semiconductor
Part # MURA210
Download  MURA210 Download
File Size   56.22 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Ultrafast Power Rectifiers

MURA210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURA210 Datasheet PDF - ON Semiconductor

Part # MURA210
Download  MURA210 Click to download

File Size   56.22 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Ultrafast Power Rectifiers

MURA210 Datasheet (HTML) - ON Semiconductor


MURA210 Product details

Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.

Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop (0.74 V Max @ 2.0 A, TJ = 150°C)
• NRVUA and SURA8 Prefixes for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant*




Similar Part No. - MURA210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA210 ONSEMI-MURA210 Datasheet
181Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 50 V
May, 2023 - Rev. 9
logo
Shanghai Shunye Electro...
MURA210 SHUNYE-MURA210 Datasheet
498Kb / 3P
ULTRAFAST AVALANCHE RECTIFIERS
V2.22
logo
ON Semiconductor
MURA210T3 ONSEMI-MURA210T3 Datasheet
44Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 2
MURA210T3 ONSEMI-MURA210T3 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
logo
Shenzhen Taychipst Elec...
MURA210T3 TAYCHIPST-MURA210T3 Datasheet
8Mb / 3P
Surface Mount Ultrafast Power Rectifiers
More results


Similar Description - MURA210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com