Electronic Components Datasheet Search
  English  ▼

X  

PSMA20A Datasheet (PDF) - NXP Semiconductors

PSMA20A Datasheet PDF - NXP Semiconductors
Part # PSMA20A
Download  PSMA20A Download
File Size   67.6 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transient voltage suppressor diodes

PSMA20A Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMA20A Datasheet PDF - NXP Semiconductors

Part # PSMA20A
Download  PSMA20A Click to download

File Size   67.6 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transient voltage suppressor diodes

PSMA20A Datasheet (HTML) - NXP Semiconductors


PSMA20A Product details

DESCRIPTION
DO-214AC surface mountable package with glass passivated chip. The well-defined void-free case is of a transfer-moulded thermo-setting plastic.

FEATURES
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• UL 94V-O classified plastic package
• Transient suppressor stand-off voltage range: 8.5 to 78 V for 26 types
• Supplied in 12 mm embossed tape.




Similar Part No. - PSMA20A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PSMA20A PANJIT-PSMA20A Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PSMA20A PANJIT-PSMA20A Datasheet
173Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PSMA20A PANJIT-PSMA20A Datasheet
214Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
SUNMATE electronic Co.,...
PSMA20A SUNMATE-PSMA20A Datasheet
456Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Similar Description - PSMA20A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com