Electronic Components Datasheet Search
  English  ▼

X  

RP154 Datasheet (PDF) - RICOH electronics devices division

RP154 Datasheet PDF - RICOH electronics devices division
Part # RP154
Download  RP154 Download
File Size   552.07 Kbytes
Page   33 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description 300mA SMALL DUAL LDO REGULATOR

RP154 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP154 Datasheet PDF - RICOH electronics devices division

Part # RP154
Download  RP154 Click to download

File Size   552.07 Kbytes
Page   33 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description 300mA SMALL DUAL LDO REGULATOR

RP154 Datasheet (HTML) - RICOH electronics devices division


RP154 Product details

OUTLINE
The RP154x Series are CMOS-based voltage regulator ICs that provide high ripple rejection, low dropout
voltage, high output voltage accuracy, and low supply current. The RP154x Series consist of a voltage reference
unit, an error amplifier, resistors for setting output voltage, a short current limit circuit, and a chip enable circuit.
The RP154x Series are available in fixed output voltage options. Besides the low supply current by CMOS, the
RP154x Series present a low dropout voltage by built-in low ON resistance Tr. and an extended battery life by a
chip enable function. Compared with the existing CMOS-based regulator ICs, the RP154x Series are further
improved in ripple rejection, line transient response, and load transient response. All these features allow the
RP154x Series to become ideal power sources for hand-held communication equipments.
The RP154x Series are available in two types of packages: SOT-23-6 and DFN1216-8 package with 2 LDOs
on board that achieves high-density mounting.

FEATURES
 Supply Current ..................................................................... Typ. 50A2 (VR1&VR2)
 Standby Current ................................................................... Typ. 0.1A2 (VR1&VR2)
 Input Voltage Range ............................................................ 1.4V to 5.25V
 Output Voltage Range .......................................................... 0.8V to 3.7V (0.1V steps)
(For details, please refer to MARK SPECIFICATION TABLE)
 Output Voltage Accuracy ...................................................... 1.0% (VSET>2.0V, Topt25C)
 Temperature-Drift Coefficient of Output Voltage .................. Typ. 80ppm/C
 Dropout Voltage ................................................................... Typ. 0.25V (IOUT300mA, VSET2.5V)
 Ripple Rejection ................................................................... Typ. 75dB (f1kHz)
 Line Regulation .................................................................... Typ. 0.02%/V
 Packages ............................................................................ DFN1216-8, SOT-23-6
 Built-in Fold Back Protection Circuit .................................... Typ. 60mA (Current at short mode)
 Ceramic capacitors are recommended to be used with this IC ... 1.0F or more

APPLICATIONS
 Power source for portable communication equipment.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipment.




Similar Part No. - RP154

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP154L0XX-E2 NISSHINBO-RP154L0XX-E2 Datasheet
1Mb / 33P
300 mA Ultra-small Dual LDO Regulator
RP154L0XX-E2-Y NISSHINBO-RP154L0XX-E2-Y Datasheet
1Mb / 37P
300 mA Small Dual LDO Regulator for Industrial Applications
RP154L502X NISSHINBO-RP154L502X Datasheet
1Mb / 37P
300 mA Small Dual LDO Regulator for Industrial Applications
RP154L504X NISSHINBO-RP154L504X Datasheet
1Mb / 37P
300 mA Small Dual LDO Regulator for Industrial Applications
RP154L505X NISSHINBO-RP154L505X Datasheet
1Mb / 37P
300 mA Small Dual LDO Regulator for Industrial Applications
More results


Similar Description - RP154

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com