Electronic Components Datasheet Search
  English  ▼

X  

MC145149 Datasheet (PDF) - Motorola, Inc

MC145149 Datasheet PDF - Motorola, Inc
Part # MC145149
Download  MC145149 Download
File Size   157.6 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual PLL Frequency Synthesizer

MC145149 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145149 Datasheet PDF - Motorola, Inc

Part # MC145149
Download  MC145149 Click to download

File Size   157.6 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual PLL Frequency Synthesizer

MC145149 Datasheet (HTML) - Motorola, Inc


MC145149 Product details

Dual PLL Frequency Synthesizer
Interfaces with Dual–Modulus Prescalers

The MC145149 contains two PLL Frequency Synthesizers which share a common serial data port and common reference oscillator. The device contains two 14–stage R counters, two 10–stage N counters, and two 7–stage A counters. All six counters are fully programmable through a serial port. The divide ratios are latched into the appropriate counter latch according to the last data bits (control bits) entered.
When combined with external low–pass filters and voltage controlled oscillators (VCOs), the MC145149 can provide all the remaining functions for two PLL frequency synthesizers operating up to the device’s frequency limit. For higher VCO frequency operation, a down mixer or dual–modulus prescaler can be used between the VCO and the synthesizer IC.

• Low Power Consumption Through Use of CMOS Technology
• Wide Operating Voltage Range: 3 to 9 V
• Operating Temperature Range: – 40 to + 85°C
• ÷ R Range = 3 to 16,383
• ÷ N Range = 3 to 1023
• ÷ A Range = 0 to 127
• Two “Linearized” Three–State Digital Phase Detectors with No Dead Zone
• Two Lock Detect Signals (LD1 and LD2)
• Two Open–Drain Port Expander Outputs (SW1 and SW2)
• Compatible with the Serial Peripheral Interface (SPI) on CMOS MCUs





Similar Part No. - MC145149

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514 ONSEMI-MC14514 Datasheet
202Kb / 12P
4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
4?밄it Data Bus Input PLL Frequency Synthesizer
More results


Similar Description - MC145149

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com