Electronic Components Datasheet Search
  English  ▼

X  

DTC144EM Datasheet (PDF) - Rohm

DTC144EM Datasheet PDF - Rohm
Part # DTC144EM
Download  DTC144EM Download
File Size   1822.53 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor

DTC144EM Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC144EM Datasheet PDF - Rohm

Part # DTC144EM
Download  DTC144EM Click to download

File Size   1822.53 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor

DTC144EM Datasheet (HTML) - Rohm


DTC144EM Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 47kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without
    connecting external input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors with complete isolation to allow negative
    biasing of the input. They also have the advantage of completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for operation, making the circuit design easy.
5) Complementary PNP Types: DTA144E series
6) Complex transistors: EMH2/ UMH2N/ IMH2A/ EMH6/ UMH6N/ IMH6A (NPN type)
7) Lead Free/RoHS Compliant.

Application
    Switching circuit, Inverter circuit, Interface circuit, Driver circuit




Similar Part No. - DTC144EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144EM ROHM-DTC144EM Datasheet
67Kb / 4P
Digital transistors (built-in resistors)
DTC144EM ROHM-DTC144EM Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Weitron Technology
DTC144EM WEITRON-DTC144EM Datasheet
292Kb / 10P
Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC144EM ROHM-DTC144EM Datasheet
168Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC144EM SECOS-DTC144EM Datasheet
219Kb / 3P
NPN Digital Transistors (Built-in Resistors)
More results


Similar Description - DTC144EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com