Electronic Components Datasheet Search
  English  ▼

X  

DTA143EKA Datasheet (PDF) - Rohm

DTA143EKA Datasheet PDF - Rohm
Part # DTA143EKA
Download  DTA143EKA Download
File Size   4299.22 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors

DTA143EKA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA143EKA Datasheet PDF - Rohm

Part # DTA143EKA
Download  DTA143EKA Click to download

File Size   4299.22 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors

DTA143EKA Datasheet (HTML) - Rohm


DTA143EKA Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 4.7kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary NPN Types: DTC143E series

Application
    INVERTER,INTERFACE,DRIVER




Similar Part No. - DTA143EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EKA ROHM-DTA143EKA Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA143EKA LRC-DTA143EKA Datasheet
89Kb / 3P
Digital transistors(built-in resistors)
logo
E-Tech Electronics LTD
DTA143EKA ETL-DTA143EKA Datasheet
111Kb / 3P
Digital transistors (built-in resistors)
logo
Rohm
DTA143EKA ROHM-DTA143EKA Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTA143EKA RECTRON-DTA143EKA Datasheet
303Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results


Similar Description - DTA143EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
PNP -100mA -50V Digital Transistors
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
PNP -100mA -50V Digital Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com