Electronic Components Datasheet Search
  English  ▼

X  

DTA143EE Datasheet (PDF) - Rohm

DTA143EE Datasheet PDF - Rohm
Part # DTA143EE
Download  DTA143EE Download
File Size   4299.22 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors

DTA143EE Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA143EE Datasheet PDF - Rohm

Part # DTA143EE
Download  DTA143EE Click to download

File Size   4299.22 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Digital Transistors

DTA143EE Datasheet (HTML) - Rohm


DTA143EE Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 4.7kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary NPN Types: DTC143E series

Application
    INVERTER,INTERFACE,DRIVER




Similar Part No. - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
CASE 463-01, STYLE 1 SOT-416/SC-90
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA143EE ONSEMI-DTA143EE Datasheet
142Kb / 12P
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Weitron Technology
DTA143EE WEITRON-DTA143EE Datasheet
799Kb / 13P
Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
More results


Similar Description - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
PNP -100mA -50V Digital Transistors
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
PNP -100mA -50V Digital Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com