Electronic Components Datasheet Search
  English  ▼

X  

74ALVC16245PVG Datasheet (PDF) - Integrated Device Technology

74ALVC16245PVG Datasheet PDF - Integrated Device Technology
Part # 74ALVC16245PVG
Download  74ALVC16245PVG Download
File Size   98.58 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING RANSCEIVER

74ALVC16245PVG Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16245PVG Datasheet PDF - Integrated Device Technology

Part # 74ALVC16245PVG
Download  74ALVC16245PVG Click to download

File Size   98.58 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING RANSCEIVER

74ALVC16245PVG Datasheet (HTML) - Integrated Device Technology




Similar Part No. - 74ALVC16245PVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74ALVC16245PA RENESAS-74ALVC16245PA Datasheet
277Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
More results


Similar Description - 74ALVC16245PVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74HSTL1212 PERICOM-PI74HSTL1212 Datasheet
115Kb / 5P
24-Bit, 1.8V to 3.3V Bi_Directional Level Shifting Transcciver
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245 Datasheet
86Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
IDT74ALVC164245 RENESAS-IDT74ALVC164245 Datasheet
252Kb / 9P
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com