Electronic Components Datasheet Search
  English  ▼

X  

1N5313-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

1N5313-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 1N5313-1
Download  1N5313-1 Download
File Size   726.34 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Source Impedance

1N5313-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5313-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 1N5313-1
Download  1N5313-1 Click to download

File Size   726.34 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Source Impedance

1N5313-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


1N5313-1 Product details

Description
The popular 1N5283-1 thru 1N5314-1 and 1N7041-1 thru 1N7055-1 series of 0.5 watt current regulators provides a selection from 0.22 mA to 10 mA in standard 10% tolerances. These devices regulate current over a broad voltage range as a counter part offering to Zeners that regulate voltage over a broad current range. The somewhat larger D0-7 packaging option offers a double-plug internal bond connection with a larger active die element for its unique function as a current limiter.

Features
● High Source Impedance
● Internal Metallurgical Bond
● Double Plug Construction
● Regulates Current over Broad Operating Range
● JAN, JANTX, JANTXV and JANS Qualification per MIL-PRF-19500/463 Available
● Hermetically Sealed Glass, DO-7
● Flexible Axial-lead Mounting Terminals
● RoHS* Compliant
● Non sensitive to ESD




Similar Part No. - 1N5313-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5313-1 CDI-DIODE-1N5313-1 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5313-1 AEROFLEX-1N5313-1 Datasheet
517Kb / 4P
Current Regulator Diode Series
1N5313-1 AEROFLEX-1N5313-1 Datasheet
517Kb / 4P
Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
More results


Similar Description - 1N5313-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU20N40 FAIRCHILD-SGU20N40 Datasheet
149Kb / 5P
High input impedance
logo
Bourns Electronic Solut...
FB20009-3B-RC BOURNS-FB20009-3B-RC Datasheet
474Kb / 1P
High impedance
logo
Fairchild Semiconductor
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
High Input Impedance
logo
Inchange Semiconductor ...
BUZ76 ISC-BUZ76 Datasheet
67Kb / 2P
High Input Impedance
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
High input impedance
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
High input impedance
logo
M/A-COM Technology Solu...
1N5283UR-1 MA-COM-1N5283UR-1 Datasheet
747Kb / 5P
High Source Impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
high input impedance
logo
Delta Electronics, Inc.
Q36SR12017 DELTA-Q36SR12017 Datasheet
713Kb / 14P
Input Source Impedance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com