Electronic Components Datasheet Search
  English  ▼

X  

CXA1816 Datasheet (PDF) - Cree, Inc

CXA1816 Datasheet PDF - Cree, Inc
Part # CXA1816
Download  CXA1816 Download
File Size   2440.18 Kbytes
Page   17 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description XLamp LED

CXA1816 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1816 Datasheet PDF - Cree, Inc

Part # CXA1816
Download  CXA1816 Click to download

File Size   2440.18 Kbytes
Page   17 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description XLamp LED

CXA1816 Datasheet (HTML) - Cree, Inc


CXA1816 Product details

ProDuCt DEsCriPtion
The XLamp® CXA1816 LeD array expands Cree’s family of high‑flux, multi‑die arrays in a smaller, easy‑to‑use platform. With XLamp LED lighting‑class reliability, the CXA1816’s small, uniform emitting surface enables both directional and non‑directional lighting applications including lamp retroft and luminaire designs. Available in 2‑step, 3‑step and 4‑step color consistency, and featuring a 12‑mm optical source, the CXA1816 brings new levels of flux and effcacy to this form factor.

fEAturEs
• Available in 4‑step, 3‑step and 2‑step EasyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K & 5000 K CCT and 4‑step EasyWhite bins at 5700 K & 6500 K CCT
• Available in ANSI white bins at 4000 K, 5000 K, 5700 K & 6500 K CCT
• Available in 70‑, 80‑, 90‑ and 93‑minimum CRI options
• Forward voltage option: 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 900 mA
• 115° viewing angle, uniform chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component (E349212)




Similar Part No. - CXA1816

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N00M40E8 CREE-CXA1816-0000-000N00M40E8 Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1816-0000-000N00M427F CREE-CXA1816-0000-000N00M427F Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1816-0000-000N00M427H CREE-CXA1816-0000-000N00M427H Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1816-0000-000N00N20E7 CREE-CXA1816-0000-000N00N20E7 Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
CXA1816-0000-000N00N20E8 CREE-CXA1816-0000-000N00N20E8 Datasheet
1Mb / 17P
CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Rev 2
More results


Similar Description - CXA1816

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
Rev 7E
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
XLamp LED
Rev 3E
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
XLamp LED
Rev 5F
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
XLamp LED
Rev 0F
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
XLamp LED
Rev 0G
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
XLamp LED
Rev 1C
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
XLamp LED
Rev 1D
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
XLamp LED
Rev 1C
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
XLamp LED
Rev 0G
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
XLamp LED
Rev 0G
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com