Electronic Components Datasheet Search
  English  ▼

X  

DS21Q50L Datasheet (PDF) - Maxim Integrated Products

DS21Q50L Datasheet PDF - Maxim Integrated Products
Part # DS21Q50L
Download  DS21Q50L Download
File Size   770.85 Kbytes
Page   87 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad E1 Transceiver

DS21Q50L Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21Q50L Datasheet PDF - Maxim Integrated Products

Part # DS21Q50L
Download  DS21Q50L Click to download

File Size   770.85 Kbytes
Page   87 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad E1 Transceiver

DS21Q50L Datasheet (HTML) - Maxim Integrated Products


DS21Q50L Product details

GENERAL DESCRIPTION
The DS21Q50 E1 quad transceiver contains all the necessary functions for connecting to four E1 lines. The on-board clock/data recovery circuitry coverts the AMI/HDB3 E1 waveforms to an NRZ serial stream. The DS21Q50 automatically adjusts to E1 22AWG (0.6mm) twisted-pair cables from 0km to over 2km in length. The device can generate the necessary G.703 waveshapes for both 75Ω coax and 120Ω twisted-pair cables.

FEATURES
■ Four Complete E1 (CEPT) PCM-30/ISDN-PRI Transceivers
■ Long-Haul and Short-Haul Line Interfaces
■ 32-Bit or 128-Bit Crystal-Less Jitter Attenuator
■ Frames to FAS, CAS, CCS, and CRC4 Formats
■ 4MHz/8MHz/16MHz Clock Synthesizer
■ Flexible System Clock with Automatic Source Switching on Loss-of-Clock Source
■ Two-Frame Elastic-Store Slip Buffer on the Receive Side
■ Interleaving PCM Bus Operation Up to 16.384MHz
■ Configurable Parallel and Serial Port Operation
■ Detects and Generates Remote and AIS Alarms
■ Fully Independent Transmit and Receive Functionality
■ Four Separate Loopback Functions
■ PRBS Generation/Detection/Error Counting
■ 3.3V Low-Power CMOS
■ Large Counters for Bipolar and Code Violations, CRC4 Codeword Errors, FAS Word Errors, and E Bits
■ Eight Additional User-Configurable Output Pins
■ 100-Pin, 14mm x 14mmLQFP Package

APPLICATIONS
    DSLAMs
    Routers
    IMA and WAN Equipment




Similar Part No. - DS21Q50L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS21Q552 MAXIM-DS21Q552 Datasheet
167Kb / 13P
Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
DS21Q554 MAXIM-DS21Q554 Datasheet
167Kb / 13P
Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
DS21Q55DK MAXIM-DS21Q55DK Datasheet
1Mb / 32P
Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 110106
More results


Similar Description - DS21Q50L

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6341 PMC-PM6341 Datasheet
42Kb / 2P
E1 TRANSCEIVER
logo
Dallas Semiconductor
DS21Q58 DALLAS-DS21Q58 Datasheet
647Kb / 74P
E1 Quad Transceiver
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
logo
Integrated Device Techn...
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 102106
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
DS21Q59 MAXIM-DS21Q59_V01 Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com