Electronic Components Datasheet Search
  English  ▼

X  

RQ3C150BC Datasheet (PDF) - Rohm

RQ3C150BC Datasheet PDF - Rohm
Part # RQ3C150BC
Download  RQ3C150BC Download
File Size   1675.96 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -30A Middle Power MOSFET

RQ3C150BC Datasheet (PDF)

Go To PDF Page Download Datasheet
RQ3C150BC Datasheet PDF - Rohm

Part # RQ3C150BC
Download  RQ3C150BC Click to download

File Size   1675.96 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -30A Middle Power MOSFET

RQ3C150BC Datasheet (HTML) - Rohm




Similar Part No. - RQ3C150BC

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ3E070BN ROHM-RQ3E070BN Datasheet
2Mb / 12P
Nch 30V 7A Middle Power MOSFET
RQ3E075AT ROHM-RQ3E075AT Datasheet
2Mb / 13P
Pch -30V -18A Middle Power MOSFET
RQ3E075ATTB ROHM-RQ3E075ATTB	 Datasheet
2Mb / 13P
Pch -30V -18A Middle Power MOSFET
RQ3E075ATTB ROHM-RQ3E075ATTB Datasheet
2Mb / 13P
Pch -30V -18A Middle Power MOSFET
RQ3E080BN ROHM-RQ3E080BN Datasheet
2Mb / 12P
Nch 30V 8A Middle Power MOSFET
More results


Similar Description - RQ3C150BC

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4C050AP ROHM-RF4C050AP Datasheet
1Mb / 12P
Pch -20V -10A Middle Power MOSFET
QH8JA1 ROHM-QH8JA1 Datasheet
2Mb / 14P
-20V Pch Pch Middle Power MOSFET
RQ6C065BC ROHM-RQ6C065BC Datasheet
2Mb / 15P
Pch -20V -6.5A Middle Power MOSFET
RQ6C050BC ROHM-RQ6C050BC Datasheet
2Mb / 14P
Pch -20V -5A Middle Power MOSFET
RQ5C060BC ROHM-RQ5C060BC Datasheet
2Mb / 14P
Pch -20V -6A Middle Power MOSFET
RF6C055BC ROHM-RF6C055BC Datasheet
2Mb / 14P
Pch -20V -5.5A Middle Power MOSFET
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
Pch -20V -3.5A Middle Power MOSFET
RW1C026ZP ROHM-RW1C026ZP Datasheet
2Mb / 12P
Pch -20V -2.5A Middle Power MOSFET
UT6MA3 ROHM-UT6MA3 Datasheet
4Mb / 23P
20V NchPch Middle Power MOSFET
RF4C100BC ROHM-RF4C100BC Datasheet
1Mb / 12P
Pch -20V -10A Middle Power MOSFET
20150411 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com