Electronic Components Datasheet Search
  English  ▼

X  

MIC94164 Datasheet (PDF) - Micrel Semiconductor

MIC94164 Datasheet PDF - Micrel Semiconductor
Part # MIC94164
Download  MIC94164 Download
File Size   742.5 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A High-Side Load Switch with Reverse Blocking

MIC94164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94164 Datasheet PDF - Micrel Semiconductor

Part # MIC94164
Download  MIC94164 Click to download

File Size   742.5 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3A High-Side Load Switch with Reverse Blocking

MIC94164 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC94164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94164YCS MICREL-MIC94164YCS Datasheet
742Kb / 12P
3A High-Side Load Switch
More results


Similar Description - MIC94164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com